Part Number Hot Search : 
ISTS802C 2041B 1202UFD RV3049C2 ZH431Z02 SDR953 KBK8B MC68HC11
Product Description
Full Text Search
 

To Download SSC-MBT796 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *Customer:
SPECIFICATION
ITEM MODEL TOP LED DEVICE SSC-MBT722
[Contents]
1. Features
------------------------------------------------------------- 2
2. Application ------------------------------------------------------------- 2 3. Absolute Maximum Ratings ------------------------------------------ 2 4. Electro-optical Characteristics ---------------------------------------- 3 5. Rank of MBT722 6. Soldering Profile 7. Outline Dimension 8. Packing ---------------------------------------------------------------------------------------4 6 6 ---------------------------------------------------- 5
-------------------------------------------------------------
9. Reel Packing Structure ------------------------------------------------- 7 10. Precaution for Use --------------------------------------------------- 8 11. Characteristic Diagram ---------------------------------------- 9
CUSTOMER Checked by Approved by
SUPPLIER Drawn by Checked by Approved by
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 1/9 -
1. Features
Pb-free Reflow Soldering application RoHS Compliant Material : InGaN Suitable for all SMT assembly methods ; Suitable for all soldering methods White colored SMT package and colorless clear window Encapsulating Resin : Epoxy Resin
2. Application
Indoor and outdoor displays LCD Backlights etc. Blue - displays Automotive Indicator
3. Absolute Maximum Ratings *1
Parameter Power Dissipation Forward Current Forward Peak Surge Current (per die) Reverse Voltage (per die) Operating Temperature Storage Temperature Symbol Pd IF IFM VR Topr Tstg
*2
(Ta=25C)
Value 360 90 100 5 -30 ~ +85 -40 ~ +100
Unit mW mA mA V C C
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product. *2 IFM was measured at TW 1msec of pulse width and D 1/10 of duty ratio.
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 2/9 -
4. Electro-Optical Characteristics
Parameter Forward Voltage (per die) Reverse Current (per die) Luminance Intensity *1 Luminance Flux Dominant Wavelength Peak Wavelength Spectral Bandwidth Viewing Angle *2 Optical Efficiency Symbol VF IR IV V Condition IF =20 mA VR=5V IF =60 mA IF =60 mA IF =60 mA IF =60mA IF =60 mA IF =60 mA IF =60 mA Min 2.7 300 465 Typ 3.3 580 1.8 470 463 27 120 9 Max 4.0 10 860 477 -
(Ta=25C)
Unit V A mcd lm nm nm nm deg lm/W
d P
21/2
opt
*1 The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. Luminous Intensity Measurement allowance is 10%. *2 21/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity. [Note] All measurements were made under the standardized environment of SSC.
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 3/9 -
5. Rank of MBT722
Rank Name Table X1 Iv X2 d X3 Vf
Luminous Intensity [Iv] Rank Iv (mcd) Name MIN MAX N 300 400 O 400 510 P 510 650 Q 650 860 Dominant Wavelength [d] Rank d (nm) Name MIN MAX 465 469 A 469 473 B C 473 477 Forward Voltage Rank Name 1 2 3 Vf (V) MIN 2.7 3.1 3.6 MAX 3.1 3.6 4.0
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 4/9 -
6.Soldering Profile (1) Reflow Soldering Conditions / Profile (Lead Free Solder)
Temp [C]
Tm : Reflow machine setting temp (max 30 sec.) Ts : Surface temp of PCB (max) Ts : Surface temp of PCB (recommend) Ts : Surface temp of PCB (min)
260 240 220 200
180 150 ~
Pre-heating
Rising 5 C/sec
Cooling -5 C/sec
0 Time [Hr]
(2) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315C under soldering iron.
Note : In case that the soldered products are reused in soldering process, we don't guarantee the products.
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 5/9 -
7. Outline Dimension
Package Outlines
6
5
4
Package Marking (Cathode)
Front View
1
2
3
Right View
Rear View
( Tolerance: 0.2, Unit: mm )
Circuit Diagram Blue Anode
6
Recommended Solder Pad
Blue Anode
5
Blue Anode
4
B1
1
B2
2
B3
3
Blue Blue Blue Cathode Cathode Cathode
( Tolerance: 0.2,
Unit: mm )
* MATERIALS PARTS Package Encapsulating Resin Electrodes MATERIALS Heat-Resistant Polymer Epoxy Resin Ag Plating Copper Alloy
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 6/9 -
8. Packing
Package Marking
( Tolerance: 0.2,
Unit: mm )
(1) Quantity : 700pcs/Reel (2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be 0.2mm (3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape at the angle of 10 to the carrier tape (4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 7/9 -
9. Reel Packing Structure
Reel
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
HUMIDITY INDICATOR DESI PAK
Aluminum Vinyl Bag
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
Outer Box Structure
Material : Paper(SW3B(B)) SIZE (mm) TYPE a c b 7inch 245 220 142
1 SIDE c
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
1
TOP LED b a
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 8/9 -
10. Lot Number
The lot number is composed of the following characters; MBT # ~ # MBT First Part Name Year (6 for 2006, 7 for 2007, 8 for 2008 ) Month ( 01 for Jan., 02 for Feb.,11 for Nov., 12 for Dec.) Day ( 01, 02, 03, 04, 28, 29, 30, 31.) # ~# The number of the internal quality control
XXX
QUANTITY : 700 LOT NUMBER : MBT70426 01 512 PART NUMBER : MBT722
SEOUL SEMICONDUCTOR CO., LTD.
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 9/9 -
10. Precaution for use
(1) Storage In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desiccator) with a desiccant. Otherwise, to store them in the following environment is recommended. Temperature : 5C ~30C Humidity : maximum 70%RH (2) Attention after open. LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed; Keeping of a fraction Temperature : 5 ~ 40C Humidity : less than 10% (3) In the case of more than 1 week passed after opening or change color of indicator on desiccant, components shall be dried 10-12hr. at 605C. (4) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temperature after soldering. (5) Quick cooling shall be avoided. (6) Components shall not be mounted on warped direction of PCB. (7) Anti radioactive ray design is not considered for the products. (8) This device should not be used in any type of fluid such as water, oil, organic solvent etc. When washing is required, IPA should be used. (9) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (10) The LEDs must be soldered within seven days after opening the moisture-proof packing. (11) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (12) The appearance and specifications of the product may be modified for improvement without notice.
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 10/9 -
11. Characteristic Diagram
Forward Current vs Forward Voltage (per die)
(Ta=25C) (Ta=25C)
Relative Luminous Intensity IV / IV (25oC) [a.u.]
6
100
50
5
Forward Current IF [mA]
4
20
3
10
5
2
1
1 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
0
0
30 (10)
60 (20)
90 (30)
120 (40)
150 (50)
180 (60)
210 (70)
240 (80)
270 300 < total (90) (100) < per die
Foward Current If[mA]
Forward Voltage VF [V]
Forward Current Derating Curve (per die)
40
Radiation Diagram
(TA=25C)
3 Chip ON
Forward Current IF [mA]
0
30
-30
30
20
-60
10
60
0
-90
0 20 40 60 80 100
90
Ambient Temperature TA [oC ]
SSC-QP-7-03-08(REV.00)
SEOUL SEMICONDUCTOR CO., LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea Phone : 82-2-2106-7305~6
SSC-MBT722
- 11/9 -


▲Up To Search▲   

 
Price & Availability of SSC-MBT796

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X